Part Number Hot Search : 
2SK0762A KBL005G 1N5606 TDA8380A 68HC0 CX1622 1N400 1T417
Product Description
Full Text Search
 

To Download SD008-17-51-21X Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
7
SD0XX-17-51-21X
High Speed Si Pin Photodiode
SD0XX-17-51-21X series features 3 high-speed silicon photodiodes that have been specifically developed for the price-sensitive optical communication applications, including fiber-optic LAN, VCSEL-based links, and instrumentation. Designed to be fully depleted at low voltages, the devices offer exceptionally low capacitance and fast responses. Typical speeds are from 200 MHz for the large device up to 1GHz for the smallest active area. Their excellent quantum efficiency, about 70% at 850nm, results in higher sensitivity than that of many comparable devices but even higher QE's are available upon request for the most demanding applications. All three devices come in rugged, hermetically sealed TO-46 packages that are suitable for fiber couplers like SMA and ST connectors. The user has a choice of flat (-211), domed (-214) or microball window (-218) caps. In addition, almost any fiber connector style is also available upon request. The assemblies are isolated from their housing, thus offering flexibility in biasing and minimized EMI susceptibility.
Features
* * * * * * * 0.2, 0.5 & 1mm active dia. High speed, up to 1GHz Excellent QE Low noise Low bias voltage Low capacitance TO-46 and fiber packages * Wide operating temp range
Applications
* * Optical communication High speed radiometry
Electro-Optical Characteristics
@ +23, Vb=5V, unless otherwise noted
Device P/N SD008-17-51-21X SD020-17-51-21X SD040-17-51-21X
Active Area Dia. 0.008" (0.2mm) 0.020"(0.5mm) 0.040" (1mm)
Dark Current 0.1 nA 0.15 nA 0.25 nA
Capacitance
@1MHz
Rise Time 350 ps 1 ns 1.8 ns
Dark Noise Density 5 fA/Hz 6 fA/Hz 8 fA/Hz
0.3 pF 2 pF 10 pF
Absolute Maximum Ratings*
Storage Temperature Operating Temperature Lead Temperature Reverse Bias Voltage -55C to +150C -40C to +125C +300C (soldering, 10 sec) 25V
*Operating beyond these limits may cause permanent damage to the device.
www..com
Typical Performance Graphs
Spectral Responsivity @ Vb=5V, Ta=23C
0.6 0.5
Small signal response
Rl = 50, source: 850nm VCSEL
Responsivity (A/W)
0.4 0.3 0.2 0.1 0.0 400
500
600
700
800
900
1000
1100
Wavelength (nm)
MECHANICAL DIMENSIONS AND PIN-
API reserves the right to change specifications without notification.
1240 Avenida Acaso, Camarillo, CA 93012 (805) 987-0146 Fax (805) 484-9935 www.advancedphotonix.com
Rev. 22 Feb, 2001 Preliminary


▲Up To Search▲   

 
Price & Availability of SD008-17-51-21X

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X